Part Number Hot Search : 
YAAMUA 2SC5902 100LB ON0167 CTQ150 320240 AP432AQA ADF4252
Product Description
Full Text Search
 

To Download AL-314BG4C-A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. al-314bg4c-a diff no. 3 mm round type : led lamps 2009/2/25 1 notes: 1. all dimensions are in millimeter. 2.an epoxy meniscus may extend about. 1. 5mm(0.059?) down to the lead 3.tolerances unless dimension 0.25mm package dimension U ? features U ? descriptions U ? applications U z choice of various viewing angles. z available on tape and reel. z reliable and robust. z the series is specially designed for application requiring higher brightness. z the led lamps are available with different color, intensities, epoxy colors etc. z tv set z monitor z telephone
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. al-314bg4c-a diff no. 3 mm round type : led lamps 2009/2/25 2 chip part no. material emitted color lens color al-314bg4c-a ingan bluish green water clear absolute maximum ratings at ta=25 parameter symbol rating unit forward current i f 30 ma operating temperature topr -40 to +85 storage temperature tstg -40 to +85 soldering temperature tsol 260 5 electrostatic discharge esd 1000 v power dissipation p d 120 mw peak forward current (duty 1/10@1khz) i f (peak) 100 ma reverse voltage v r 5 v electronic optical characteristics U parameter symbol min. typ. max. unit condition luminous intensity i v 4600 7000 mcd i f =20ma viewing angle 2 1/2 30 deg i f =20ma peak wavelength p 510 nm i f =20ma dominant wavelength d 505 nm i f =20ma spectrum radiation bandwidth 30 nm i f =20ma forward voltage v f 3.2 3.5 v i f =20ma reverse current i r 10 a v r =5v
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. al-314bg4c-a diff no. 3 mm round type : led lamps 2009/2/25 3 reliability test items and conditions U no item test conditions test hours/cycle sample size ac/re 1 solder heat temp U 260 5 5 sec 76 pcs 0/1 2 temperature cycle h U +85 30min 5min l U -55 30min 50 cycles 76 pcs 0/1 3 thermal shock h U +100 5min 10set l U -10 5min 50 cycles 76 pcs 0/1 4 high temperature storage temp U 100 1000 hrs 76 pcs 0/1 5 low temperature storage temp U -55 1000 hrs 76 pcs 0/1 6 dc operating life temp U 25 i f =20ma 1000 hrs 76 pcs 0/1 7 high temperature / high humidity 85 / 85%rh 1000 hrs 76 pcs 0/1
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. al-314bg4c-a diff no. 3 mm round type : led lamps 2009/2/25 4
a a a - - - b b b r r r i i i g g g h h h t t t a-bright industrial co., ltd. part no. al-314bg4c-a diff no. 3 mm round type : led lamps 2009/2/25 5


▲Up To Search▲   

 
Price & Availability of AL-314BG4C-A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X